Part Number Hot Search : 
00C12 5718A10 23210 XC91061 MBR30045 HI5728IN EMK32 17335C
Product Description
Full Text Search
 

To Download 701800-COLOR-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  colorline neon-inspired tubing add stunning neon-like appeal and increased awareness to any building with this patented led-based rigid tubing system. completely assembled and sealed tubes are ready for installation. colorline offers our brightest tubing light output, a neon-like profle, and innovative lit, mitered corners. ? slim profle similar to standard neon ? neutral frosted white color when non-illuminated ? high impact acrylic: uv stable, hydrocarbon insensitive, and non-fading ? can be factory bent to minimum 9.75 inch radius ? three lit mitered corner confgurations ? convenient, weatherproof connectors between sections ? can be cut in the feld specifcations part number 2 ft tube 701800-color-2 4 ft tube 701800-COLOR-4 6 ft tube 701800-color-6 8 ft tube 701800-color-8 dimensions width 0.44 in base width 0.59 in height 1.00 in lengths 2 ft, 4 ft, 6 ft, 8 ft factory bends 9.75 in radius (radial and fat bend) in-feld bends radial bend 19 ft flat bend 6 ft operating temperature -40 c to +70 c protection class ip66 power per foot 2.28 w power capacity 24 ft per sloanled 60 w 12 vdc power supply colors red, orange, yellow, green, blue, white, warm white mounting dual-position mounting clips (400381-25) orient in two directions accessories snap-on, frosted joint covers (701807) for clean fnish illuminated, mitered corners: inside corner 701800-ic-color outside corner 701800-oc-color step corner 701800-sc-color flat bend radial bend bends 400381-25 mounting clip
? 2014 sloanled rev a 2014-05-12 colorline is covered by us and foreign patents pending and covered by the following us patents issued: 6,776,504, 6,969,179, and 7,192,157 colorline neon-inspired tubing specifcations contd item description part number approx. cut increments actual length 2 ft tube 701800-color-2 2.4 in 24.66 in 4 ft tube 701800-COLOR-4 2.4 in 48.66 in 6 ft tube 701800-color-6 2.4 in 72.66 in 8 ft tube 701800-color-8 2.4 in 96.66 in 5725 olivas park drive ? ventura, california 93003 ? 805.676.3200 fax 805.676.3206 ? sloanled.com ? info@sloanled.com


▲Up To Search▲   

 
Price & Availability of 701800-COLOR-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X